Part Number Hot Search : 
DS1602 GC160A48 GS816 D2415 SMBJ24 T54FCT T3163 VPX3220A
Product Description
Full Text Search
 

To Download 2SC4081F Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  any changing of specification will not be informed individual 2SC4081F npn silicon general purpose transistor r o h s c o m p l i a n t p r o d u c t  low cob. cob = 2.0 pf (typ.)  complements the 2sa1576a collector 3 1 base 2 emitter dim min max a 1.800 2.20 0 b 1.150 1.350 c 0.800 1.000 d 0.300 0.400 g 1.200 1 .400 h 0.000 0.100 j 0.100 0.250 k 0.350 0.500 l 0.590 0 .720 s 2.000 2.400 v 0.280 0.420 all dimension in mm sot-323 k j c h l a b s g v 3 1 2 d top view 1 2 3 http://www.secosgmbh.com elektronische bauelemente 01 -jun-2002 rev. a page 1 of 3 a b sol u t e m axi m u m r ati n g s a t t a = 2 5 : pa ra m e te r s y m b o l ra ti n g s u n i t j unc t i on t e mp er at ur e t j + 1 5 0  s t or ag e t emp e r a t u r e t s t g - 5 5 ~ + 1 5 0  c o l l e c t o r t o b a s e v ol t a g e v c b o 6 0 v c o l l e c t o r t o e m i tt e r v ol t a g e v c e o 5 0 v e m i t t e r t o b a s e v ol t a g e veb o 7 v c o l l e c t o r c u rr en t i c 1 5 0 ma t o t al p ow er d is s ip at i on p d 22 5 m w characteristics a t t a = 2 5 : parameter symbol min typ. max uni t test conditions collector - base breakdown voltage bv cbo 60 - - v i c = 5 0ua collector - emitter breakdown voltage bv ceo 50 - - v i c =1ma emitter - base breakdown voltage bv ebo 7 - - v i e =50ua collector - emitter breakdown volta ge i cbo - - 100 na v cb =60v emitter - base cutoff current i ebo - - 100 na v eb = 7 v collector saturation voltage 1 v ce(sat) - - 400 m v i c =50ma, i b =5ma dc current gain h fe 120 - 560 - v ce = 6 v, i c = 1m a gain - bandwidth product ft - 180 - mhz v ce = - 12 v, i c = 2 ma, f=10 0mhz output capacitance cob - 2 3.5 pf v cb = - 12 v, f=1mhz , i e =0 range 120 - 270 180 - 390 270 - 560 *pulse test: pulse width = 380us, duty cycle 2% classification of h fe rank q r s feature marking code: 5bx x = hfe rank code ??
any changing of specification will not be informed individual 2SC4081F npn silicon general purpose transistor http://www.secosgmbh.com elektronische bauelemente 01 -jun-2002 rev. a page 2 of 3 characteristics curve
any changing of specification will not be informed individual 2SC4081F npn silicon general purpose transistor http://www.secosgmbh.com elektronische bauelemente 01 -jun-2002 rev. a page 3 of 3


▲Up To Search▲   

 
Price & Availability of 2SC4081F

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X